Part Number Hot Search : 
BAS116 LM2935 CA2902E MSK4890H 1N5250 COACH10S APA2037 AL1101
Product Description
Full Text Search
 

To Download REC30-4833SRWZH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

30W Package (50.8x11.90x40.6mm) 1.6kVDC Isolation 4:1 Wide Input Range Regulated Output UL94V-0 Package Material Continuous Short Circuit Protection Vout Trim and ON/OFF Control Function Efficiency to 87%
ECONOLINE
DC/DC-Converter
REC30S_DRWZ /H Series
30 Watt Single & Dual Output
Selection Guide
Part Number Input Voltage (VDC) REC30-xx2.5SRWZ/H REC30-xx3.3SRWZ/H REC30-xx05SRWZ/H REC30-xx12SRWZ/H REC30-xx15SRWZ/H REC30-xx24SRWZ/H REC30-xx05DRWZ/H REC30-xx12DRWZ/H REC30-xx15DRWZ/H 4:1 xx = 10-40Vin = 24 xx = 18-75Vin = 48 10-40, 18-75 10-40, 18-75 10-40, 18-75 10-40, 18-75 10-40, 18-75 10-40, 18-75 10-40, 18-75 10-40, 18-75 10-40, 18-75 Output Voltage (VDC) 2.5 3.3 5 12 15 24 5 12 15 Output Current (mA) 6000 6000 6000 2500 2000 1250 3000 1250 1000 Efficiency 24/48 (%) 80/81 83/85 85/87 83/84 83/84 84/84 81/82 83/84 83/83
* add suffix "CTRL" for optional Remote ON/OFF-Control
Designed to meet EN-60950-1 UL-60950-1 Pending
Specifications (Core Operating Area)
Input Voltage Range Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load ) Trim Ripple Noise Operating Frequency Over Power Protection Over Voltage Protection Short Circuit Protection Remote On/Off Remote Off input current Remote Pin drive current Efficiency at Full Load Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance DC-DC ON DC-DC OFF Nominal Vin Vr=0V (tested for 1 second) (long term isolation) 2.5,3.3,5V All Others 2.5,3.3,5V All Others 4:1 type 2% max. 0.5% max. 1% max. 10% 100mV max. 1% max. 100mV max. 1% max. 250kHz typ. Works over 120% of rating and recovers automatically Zener diode clamp Hiccup, auto-recovery Open or 2.2V>Vr>5V Short to 0V or 0V>Vr>2.2V 5mA max. -1.3mA max. see table 1600VDC min. see Application Notes 1000pF 100 M min. Continued on next page.
Derating-Graph
(Ambient Temperature)
120 100
Output Power (%)
80 85 40
Safe Operating Area
All Others
60 20 0
5V
-25
0
30 40
50
70
100
Operating Temperature (C)
www.recom-international.com
December-2006
1
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
Operating Temperature Range (See Note 1) Storage Temperature Range Case Temperature Temperature Coefficient Relative Humidity Case Material Cooling Method Package Weight MTBF (+25C) Detailed Information see (+40C) Application Notes chapter "MTBF"
REC30-S_DRWZ/H Series
-25C to +70C (see Graph) -55C to +105C +100C max. 0.02%/C 95% RH
Noise Measurement
+Vout DC 0.1F 10F Cer. Tant. REC30-xx
Nickel Plated Copper with Non-Conductive Base, Six-side Shielded Natural convection using MIL-HDBK 217F using MIL-HDBK 217F 58g >550 x 103 hours 212 x 103 hours
Load
}
-Vout DC
Scope
Note 1: Natural convection. Derate to 85% when Vin>36VDC and Ta = 40C.
Efficiency / Load
100 80 60 40
REC30-2412SRWZ/H
85 84 83 82
Efficiency / Input Voltage
REC30-2412SRWZ/H
Efficiency %
Efficiency %
20 0
81 80 10 18 Total Output current (%) 26 34 40
0% 20% 40% 60% Total Output current (%)
80%
100%
Package Style and Pinning (mm) , Wide Input 4:1
3rd angle projection 50.80 40.60
11.90 dia. 1.2 6.00
Pin Connections Pin # 1 2 4 5 6 7 8
10.16 1 2 6
45.70
5
Single Dual +Vin +Vin -Vin -Vin No Pin/CTRL No Pin/CTRL NC +Vout +Vout Com -Vout -Vout Trim Trim
XX.X 0.5 mm XX.XX 0.25 mm
5.08 10.16
Bottom View
7
10.16
-Vout Trim Up 10kW Trimpot
22.86
4
10.16 8 5.08
Trim Trim Down +Vout 10kW Trimpot
7.62
2
December-2006
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of REC30-4833SRWZH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X